Part Number Hot Search : 
IL135Z TCA3727G F0300 0TAI03 2SB16 TSM2306 P4KE56A T541A
Product Description
Full Text Search
 

To Download OMNISMART500-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  omnismart 120v 500va 300w line-interactive ups, tower, usb port model number: omnismart500 description tripp lite's omni smart 500 line interactive ups system offers voltage regulation, surge suppression and long lasting battery support for personal computers, internetworking equipment and other sensitive electronics. supports entry level pc systems for up to 30 minutes during power failures so that connected equipment can be shutdown without data loss. automatic voltage regulation (avr) circuits regulate brownouts as low as 75 volts and overvoltages as high as 147 back to normal 120v levels without consuming battery power. offers complete desktop power protection in an attractive black upright tower configuration. includes 3 battery supported outlets for computer, monitor and one vital system peripheral, plus 3 additional surge suppression-only outlets for printers and other system accessories not requiring battery support. usb port enables optional unattended system shutdown without data loss in the case of extended power failure, usb cabling and poweralert software included. hid-compliant usb port also enables integration with built-in power management and auto shutdown features of windows and mac os x. built-in dataline protection jacks offer protection of a single dialup phone/dsl line. built-in audible alarm and 4 front panel leds indicate line power status, battery power status, battery low/replace status and overload status. 500va/300 watt power handling ability supports entry-level pcs, network workstations, point-of-sale equipment, small business phone systems, audio/video equipment and home theater systems. offers 4 minutes battery runtime with a full load of 500va/300 watts and 14.6 minutes with a half load of 250va/150 watts. supports battery replacement via built-in access panel. features omnismart500 line interactive ups system offers voltage regulation and battery support, plus complete ac and dialup/dsl line surge suppression supports entry level pc systems for up to 30 minutes during power failures to enable a safe system shutdown supports a maximum load of 500va/300 watts for 4 minutes and a half load of 250va/150 watts for 14.6 minutes automatic voltage regulation (avr) circuits correct brownouts as low as 75 volts and overvoltages as high as 147 back to normal 120 volt levels without using battery power attractive black tower configuration includes 3 battery supported outlets, plus 3 additional surge suppression-only outlets, 6 foot ac line cord (all nema 5-15) built-in usb port supports poweralert ups power management software that's included along with cabling to provide safe, unattended system shutdown during blackouts. provides monitoring of site power conditions, full ups status and fault warnings. hid-compliant usb port also enables integration with built-in power management and auto shutdown features of windows and mac os x supports tripp lite's watchdog service monitoring/rebooting software (part# watchdogsw) built-in dataline suppression jacks protect a single dialup phone/dsl line highlights 500va tower 120v line-interactive ups corrects brownouts and overvoltages from 75v to 147v 3 ups battery supported outlets, 3 surge-only outlets usb port, tel/dsl protection, front panel status leds nema 5-15p input plug and 6 nema 5-15r outlets package includes omni smart 500 ups system poweralert software and cabling instruction manual with warranty information 1 / 5
built-in dataline suppression jacks protect a single dialup phone/dsl line built-in audible alarm and 4 front panel leds indicate ups system and line power status 500va/300 watt power handling ability supports a variety of computer, internetworking, telecom and consumer electronics equipment supports battery replacement via built-in access panel compatible with 120v/60hz applications for usa, canada, mexico and more optional pdub15 bypass pdu enables hot-swappable ups replacement with no disruption to connected equipment short circuit protection during ac and battery modes specifications output output volt amp capacity (va) 500 output watt capacity (watts) 300 nominal output voltage(s) supported 115v; 120v frequency compatibility 60 hz output voltage regulation (line mode) -18%, +8% output voltage regulation (battery mode) 115v (+/- 5%) output receptacles (6) 5-15r ups output receptacles (surge suppression only) 3 ups outlets, 3 surge-only outlets hot-swap pdu options pdub15 (2u / 8 5-15r outlets) output ac waveform (ac mode) sine wave output ac waveform (battery mode) pwm sine wave input rated input current (maximum load) 12a nominal input voltage(s) supported 120v ac ups input connection type 5-15p ups input cord length (ft.) 6 ups input cord length (m) 1.8 recommended electrical service 15a 120v input cord length (ft.) 6 input cord length (m) 1.8 input phase single-phase battery 2 / 5
full load runtime (min.) 4 min. (300w) half load runtime (min.) 14.6 min. (150w) dc system voltage (vdc) 12 battery recharge rate (included batteries) less than 3.6 hours from 10% to 90% internal ups replacement battery cartridge rbc51 battery access battery access door battery replacement description hot-swappable, user replaceable batteries voltage regulation voltage regulation description automatic voltage regulation (avr) maintains line power operation with an input voltage range of 75 to 147 overvoltage correction input voltages between 128 and 147 are reduced by 12% undervoltage correction input voltages between 93 and 107 are boosted by 14% severe undervoltage correction input voltages between 75 and 92 are boosted by 30% user interface, alerts & controls switches 2 switches control off/on power status and alarm-cancel/self-test operation alarm cancel operation power-fail alarm can be silenced using alarm-cancel switch; once silenced, alarm will re-sound to indicate low-battery status audible alarm audible alarm indicates power-failure and low-battery conditions led indicators 4 leds indicate line power, battery power, overload and battery low/replace status surge / noise suppression ups ac suppression joule rating 480 ups ac suppression response time instantaneous ups dataline suppression 1 line tel/dsl (1 in / 1 out); 10/100base t ethernet emi / rfi ac noise suppression yes ac suppression joule rating 480 ac suppression response time instantaneous dataline suppression 1 line tel / dsl or 10base t ethernet protection physical installation form factors supported with included accessories tower installation form factors supported with optional accessories wallmount (upswm - tower mounting kit) primary form factor tower 3 / 5
ups power module dimensions (hwd, in.) 8.5 x 5.2 x 7 ups power module dimensions (hwd, cm) 21.6 x 13.3 x 17.8 ups power module weight (lbs.) 14 ups power module weight (kg) 6.4 ups shipping dimensions (hwd / in.) 12 x 10 x 8.2 ups shipping dimensions (hwd / cm) 30.5 x 25.4 x 21 shipping weight (lbs.) 14 shipping weight (kg) 6.4 ups housing material pvc environmental operating temperature range +32 to +104 degrees fahrenheit / 0 to +40 degrees celsius storage temperature range +5 to +122 degrees fahrenheit / -15 to +50 degrees celsius relative humidity 0 to 95%, non-condensing ac mode btu / hr. (full load) 65.1 battery mode btu / hr. (full load) 358.4 ac mode efficiency rating (100% load) 94% communications communications interface usb (hid enabled) poweralert software free download from www.tripplite.com communications cable usb cable included watchdog compatibility supports watchdog application, os and hard-reboot restart options for remote applications network ups tools compatibility nut compatible. see the full list of tripp lite nut compatible ups systems at http://www.networkupstools.org/stable-hcl.html?manufacturer=tripp lite line / battery transfer transfer time 2-4 milliseconds low voltage transfer to battery power (setpoint) 75 high voltage transfer to battery power (setpoint) 147 special features cold start (startup in battery mode during a power failure) cold-start operation supported 4 / 5
high availability ups features hot swappable batteries green energy-saving features greater than 95% efficiency - green ups certifications ups certifications tested to ul1778 (usa); tested to csa (canada); tested to nom (mexico); meets fcc part 15 category b (emi) warranty product warranty period (worldwide) 2-year limited warranty connected equipment insurance (u.s., canada & puerto rico) $200,000 ultimate lifetime insurance ? 2015 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 5 / 5


▲Up To Search▲   

 
Price & Availability of OMNISMART500-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X